Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download RS2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS2501 thru RS2507
SINGLE-PHASE SILICON BRIDGE RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE -50 to 1000 Volts CURRENT 25 Amperes
FEATURES
Low leakage Low forward voltage Mounting position:Any Surge overload rating:300 amperes peak Siliver-plated copper leads
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
Ratings Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at Tc=500C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load Operating and Storage Temperature Range Maximum Forward Voltage Drop per element at 12.0A DC Maximum Reverse Current at Rated @TA=250C DC Blocking Voltage per element @TC=1000C
Symbol VRRM VRMS VDC IO
RS2501 RS2502 RS2503 RS2504 RS2505 RS2506 RS2507
50 35 50 100 75 100 200 140 200 400 280 400 25 600 420 600 800 560 800 1000 700 1000
UNITS
Volts Volts Volts Amps
IFSM TJ TSTG VF IR
300 -55 to +150 1.0 10 0.2
Amps
0
C
Volts Amps mAmps
RS2501 thru RS2507
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES RS2501 THRU RS2507
Fig. 1 - MAXIMUM FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
300 250 200 150 100 50 0 1 10 100
Fig. 2 - DERATING CURVE FOR
AVERAGE FORWARD OUTPUT CURRENT AMPERES
OUTPUT RECTIFIED CURRENT
40
30
20
10
0
50
100
150
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE, 0 C
Fig. 3 - TYPICAL FORWARD CHARACTERISTICS
100
Fig. 4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=250C
0.1
0.1 .01 0 .01 .4 .6 .8 1.0 1.2 1.4 1.6 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLT AGE, VOLTS


▲Up To Search▲   

 
Price & Availability of RS2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X